Part Number Hot Search : 
D75312GF PBH14022 X27C1 NQ03LT ST2SC 1602C L6228D BD139
Product Description
Full Text Search
 

To Download M5450B7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M5450 M5451
LED DISPLAY DRIVERS
. . . . . . . . . . . .
M5450 34 OUTPUTS/15mA SINK M5451 35 OUTPUTS/15mA SINK CURRENT GENERATOR OUTPUTS (NO EXTERNAL RESISTORS REQUIRED) CONTINUOUS BRIGHTNESS CONTROL SERIAL DATA INPUT ENABLE (ON M5450) WIDE SUPPLY VOLTAGE OPERATION TTL COMPATIBILITY
A single pin controls the LED display brightness by setting a reference current through a variable resistor connected to VDD or to a separate supply of 13.2V maximum.
Application Examples : MICROPROCESSOR DISPLAYS INDUSTRIAL CONTROL INDICATOR RELAY DRIVER INSTRUMENTATION READOUTS DESCRIPTION The M5450 and M5451 are monolithic MOS integrated circuits produced with an N-channel silicon gate technology. They are available in 40-pin dual in-line plastic packages.
DIP40 (Plastic Package) ORDER CODE : M5450B7 / M5451B7
PLCC44 (Plastic Chip Carrier) ORDER CODE : M5451Q
PIN CONNECTION
DIP40
OUTPUT BIT 16 OUTPUT BIT 15
V SS OUTPUT BIT 17 OUTPUT BIT 16 OUTPUT BIT 15 OUTPUT BIT 14 OUTPUT BIT 13 OUTPUT BIT 12 OUTPUT BIT 11 OUTPUT BIT 10 OUTPUT BIT 9 OUTPUT BIT 8 OUTPUT BIT 7 OUTPUT BIT 6 OUTPUT BIT 5 OUTPUT BIT 4 OUTPUT BIT 3 OUTPUT BIT 2 OUTPUT BIT 1 BRIGHTNESS CONTROL V DD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 OUTPUT BIT 18 OUTPUT BIT 19 OUTPUT BIT 20 OUTPUT BIT 21
PLCC44
OUTPUT BIT 18 OUTPUT BIT 21 41 OUTPUT BIT 22 40 OUTPUT BIT 17 OUTPUT BIT 19 43 OUTPUT BIT 20 42 OUTPUT BIT 14
6
5
4
3
2
1
N.C.
VSS
OUTPUT BIT 22
OUTPUT BIT 13
OUTPUT BIT 23 OUTPUT BIT 24 OUTPUT BIT 25 OUTPUT BIT 26 OUTPUT BIT 27 OUTPUT BIT 28 OUTPUT BIT 29 OUTPUT BIT 30 OUTPUT BIT 31 OUTPUT BIT 32 OUTPUT BIT 33 OUTPUT BIT 34 DATA ENABLE FOR M5450 OUTPUT BIT 35 FOR M5451 DATA IN CLOCK IN
44
7 8 9 10
11 12 13 14 15 16 17
39 38 37 36
35 34 33 32 31 30 29
OUTPUT BIT 23 OUTPUT BIT 24 OUTPUT BIT 25 OUTPUT BIT 26 OUTPUT BIT 27 N.C. OUTPUT BIT 28 OUTPUT BIT 29 OUTPUT BIT 30 OUTPUT BIT 31 OUTPUT BIT 32
OUTPUT BIT 12 OUTPUT BIT 11 OUTPUT BIT 10 OUTPUT BIT 9 N.C. OUTPUT BIT 8 OUTPUT BIT 7 OUTPUT BIT 6 OUTPUT BIT 5 OUTPUT BIT 4
18
19
23
24
25
20
27
21
22
26
28
September 1993
1/8
5450-01.EPS - 5450-02.EPS
OUTPUT BIT 3
OUTPUT BIT 1
VDD
OUTPUT BIT 35
OUTPUT BIT 34
OUTPUT BIT 2
BRIGHTNESS CONTROL
OUTPUT BIT 33
CLOCK IN
DATA IN
N.C.
M5450 - M5451
BLOCK DIAGRAM (Figure 1)
V DD BRIGTHNESS CONTROL 100k OUTPUT BIT 34 20 24 OUTPUT BIT 1 18
19
35 OUTPUT BUFFERS
LOAD
DATA ENABLE (M5450) OUTPUT35 (M5451) 35 LATCHES
23
SERIAL DATA
22
35-BIT SHIFT REGISTER RESET
CLOCK
21
1
5450-03.EPS
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI VO(off) IO Ptot Tj Top Tstg Supply Voltage Input Voltage Off State Output Voltage Output Sink Current Total Package Power Dissipation at 25C at 85C Junction Temperature Operating Temperature Range Storage Temperature Range Parameter Value - 0.3 to 15 - 0.3 to 15 15 40 1 560 150 - 25 to 85 - 65 to 150 Unit V V V mA W mW C C
5450-01.TBL
C
Stresses above those listed under "Absolute Maximum Ratings" may causes permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
FUNCTIONAL DESCRIPTION Both the M5450 and the M5451 are specially designed to operate 4 or 5-digit alphanumeric displays with minimal interface with the display and the data source. Serial data transfer from the data source to the display driver is accomplished with 2 signals, serial data and clock. Using a format of a leading "1" followed by the 35 data bits allows data transfer without an additional load signal. The 35 data bits are latched after the 36th bit is complete, thus providing non-multiplexed, direct drive to the display. Outputs change only if the serial data bits differ from the previous time. Display brightness is determined by control of the output current LED displays.
2/8
A 1nF capacitor should be connected to brightness control, pin 19, to prevent possible oscillations. A block diagram is shown in figure 1. For the M5450 a DATA ENABLE is used instead of the 35th output. The DATA ENABLE input is a metal option for the M5450. The output current is typically 20 times greater than the current into pin 19, which is set by an external variable resistor. There is an internal limiting resistor of 400 nominal value. Figure 2 shows the input data format. A start bit of logical "1" precedes the 35 bits of data. At the 36th clock a LOAD signal is generated synchronously with the high state of the clock, which loads the 35 bits of the shift registers into the latches.
M5450 - M5451
At the low state of the clock a RESET signal is generated which clears all the shift registers for the next set of data. The shift registers are static master-slave configurations. There is no clear for the master portion of the first shift register, thus allowing continuous operation. There must be a complete set of 36 clocks or the shift registers will not clear. When power is first applied to the chip an internal power ON reset signal is generated which resets all registers and all latches. The START bit and the first clock return the chip to its normal operation. Bit 1 is the first bit following the start bit and it will appear on Pin 18. A logical "1" at the input will turn on the appropriate LED. Figure 3 shows the timing relationship between Data, Clock and DATA ENABLE. A max clock frequency of 0.5MHz is assumed. For applications where a lesser number of outputs are used, it is possible to either increase the current per output or operate the part at higher than 1V VOUT. The following equation can be used for calculations. Tj = [(VOUT) (ILED) (No. of segments) + (VDD 7mA)] (124C/W) + Tamb where : Tj = junction temperature (150C max) VOUT = the voltage at the LED driver outputs ILED = the LED current 124C/W = thermal coefficient of the package Tamb = ambient temperature The above equation was used to plot Figures 4, 5 and 6.
STATIC ELECTRICAL CHARACTERISTICS (Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V, unless otherwise specified)
Symbol VDD IDD VI Parameter Supply Voltage Supply Current Input Voltage Logical "0" Level Logical "1" Level VDD = 13.2V 10A Input Bias 4.75 VDD 5.25 VDD > 5.25 Input Current = 750A, Tamb = 25oC - 0.3 2.2 VDD - 2 0 3 Test Conditions Min. 4.75 Typ. Max. 13.2 7 0.8 VDD VDD 0.75 4.3 13.2 VO = 3V VO = 1V (note 4) Brightness In. = 0A Brightness In. = 100A Brightness In. = 750A 10 0 2 12 0 2.7 15 10 4 25 0.5 20 Unit V mA V V V mA V V A A mA mA MHz %
IB VB VO(off) IO
Brightness Input Current (note 2) Brightness Input Voltage (pin 19) Off State Out. Voltage Out. Sink Current (note 3) Segment OFF Segment ON
fclock IO
Notes : 1. 2. 3. 4.
Input Clock Frequency Output Matching (note 1)
Output matching is calculated as the percent variation from IMAX + IMIN/2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another. Absolute maximum for each output should be limited to 40mA. The VO voltage should be regulated by the user. See figures 5 and 6 for allowable VO versus IO operation.
3/8
5450-02.TBL
M5450 - M5451
Figure 2 : Input Data Format
1 CLOCK START DATA BIT 1 BIT 34 BIT 35 36
LOAD (INTERNAL)
5450-04.EPS
RESET (INTERNAL)
Figure 3
Figure 4
1.0 Ptot (W) 15mA/segment 34 segments VO = 1V
CLOCK
0.8
DATA 300ns (min.)
0.6 0.4 0.2
100ns (min.)
5450-05.EPS 5450-06.EPS 5450-08.EPS
SAFE OPERATING AREA T amb (C)
DATA ENABLE
0
20
40
60
80
100
Figure 5
3.2 VO (V)
Figure 6
I 0 (mA)
105
2.8
2.4 2.0
20 segments 30 segments 34 segments
T amb = 85C 85
65 I O (max.) = 40mA VO = 1V VO = 1.5V VO = 2V N Segm.
1.6
1.2 0.8
0.4
45
T amb = 85C
5450-07.EPS
25
T j = 150C (max.)
4 8 12 16 20
I LED (mA)
5
0 4 8 12 16 20 24 28 32 36 40
0
24
28
32
4/8
M5450 - M5451
TYPICAL APPLICATIONS BASIC ELECTRONICALLY TUNED RADIO OR TV SYSTEM
AM FM
34 SEGMENTS
M5450 DISPLAY DRIVER
KEYBOARD
ELECTRONIC TUNING CONTROLLER
PLL SYNTHESIZER
STATION DETEC. ETC.
DUPLEXING 8 DIGITS WITH ONE M5450
V DD V LED V LED V DD
.
.
.
.
.
.
.
.
9 16
28 40
32 39
24 31
M5450
18 CLOCK IN DATA IN
BRIGHTNESS CONTROL
5450-10.EPS
21
22
19
20
1
23
17
V DD
5/8
5450-09.EPS
M5450 - M5451
POWER DISSIPATION OF THE IC The power dissipation of the IC can be limited using different configurations. a) In the application R must be chosen taking into account the worst operating conditions. a)
R
nected diodes is quite stable if the diodes are properly chosen. The total power dissipation of the IC depends, in a first approximation, only on the number of segments activated. b)
+V C
+V C
ID VD
5450-11.EPS
R is determined by the maximum number of segments activated VC - VD MAX - VO MIN R= NMAX ID The worst case condition for the device is when roughly half of the maximum number of segments are activated. It must be checked that the total power dissipation does not exceed the absolute maximum ratings of the device. In critical cases more resistors can be used in conjunction with groups of segments. In this case the current variation in the single resistor is reduced and Ptot limited. b) In this configuration the drop on the serial con-
c) In this configuration VOUT + VD is constant. The total power dissipation of the IC depends only on the number of segments activated. c)
+VC
V OUT +V D
6/8
5450-13.EPS
5450-12.EPS
V OUT
M5450 - M5451
PACKAGE MECHANICAL DATA 40 PINS - PLASTIC DIP
a1
L
I
b1 b b2 e3 e E
D
40
21
F
1
20
Dimensions a1 b b1 b2 D E e e3 F i L
Min.
Millimeters Typ. 0.63 0.45 1.27
Max.
Min.
Inches Typ. 0.025 0.018 0.050
Max.
0.23
0.31 52.58 16.68 2.54 48.26 14.1 4.445 3.3
0.009
0.012 2.070 0.657 0.100 1.900 0.555 0.175 0.130
DIP40.TBL
15.2
0.598
7/8
PM-DIP40.EPS
M5450 - M5451
PACKAGE MECHANICAL DATA 44 PINS - PLASTIC CHIP CARRIER
B M1
6 2 1 44 39
C M
M1
E
e3
17 18 28
29
G (Seating Plane Coplanarity)
D
Dimensions A B C D d1 d2 E e e3 F F1 G M M1
Min. 17.4 16.51 3.65 4.2 2.59 14.99
Millimeters Typ.
Max. 17.65 16.65 3.7 4.57 2.74 16
Min. 0.685 0.650 0.144 0.165 0.102 0.590
Inches Typ.
Max. 0.695 0.656 0.146 0.180 0.108 0.630
0.68 1.27 12.7 0.46 0.71 0.101 1.16 1.14
0.027 0.050 0.500 0.018 0.028 0.046 0.045
PLCC44.TBL
0.004
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
8/8
PMPLCC44.EPS
A
F1
e
F
d2 d1
M
7
38


▲Up To Search▲   

 
Price & Availability of M5450B7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X